Part Number Hot Search : 
CM7238 FQT7P06 0M100 K12A60 3A010 SGBXXX SKY77340 MX214J
Product Description
Full Text Search
 

To Download MAL204637331E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 046 RSL
Vishay BCcomponents
Aluminum Capacitors Radial, Standard Long-Life
FEATURES
* Polarized aluminum non-solid electrolyte electrolytic capacitors,
S
* Radial leads, cylindrical aluminum case with pressure relief, insulated with a blue vinyl sleeve * Charge and discharge proof
Fig.1 Component outline 140 RTM 125 C higher temperature
116 RLL lower CV-values
RoHS
COMPLIANT
* High ripple current capability, low impedance, low ESR
higher CV/volume
048 RML 148 RUS
* Smoothing, filtering, buffering in SMPS, timing
QUICK REFERENCE DATA
DESCRIPTION Nominal case sizes (O D x L in mm) Rated capacitance range, CR Tolerance on CR Rated voltage range, UR Category temperature range Endurance test at 105 C Useful life at 105 C Case O D = 10 and 12.5 mm Case O D = 16 and 18 mm Useful life at 40 C, 1.6 x IR applied Case O D = 10 and 12.5 mm Case O D = 16 and 18 mm Shelf life at 0 V, 105 C Based on sectional specification Climatic category IEC 60068 VALUE 10 x 12 to 18 x 35 22 to 10 000 F 20 % 6.3 to 63 V - 40 to + 105 C 2000 hours
E
N
R
3000 hours 4000 hours
FO
200 000 hours 260 000 hours 1000 hours IEC 60384-4/EN130300 40/105/56
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm)
T
O
CR (F)
22 47 100 220 330 470 1000 2200 3300 4700 6800 10 000
6.3 10 x 12 10 x 20 12.5 x 25 16 x 25 16 x 31 16 x 35 18 x 35
10 10 x 12 10 x 16 12.5 x 20 16 x 35 18 x 35 18 x 35
16 10 x 12 10 x 16 10 x 20 12.5 x 25 16 x 25 16 x 31 18 x 35 18 x 35 -
25 12.5 x 25 16 x 31 18 x 35 18 x 35 -
W
MARKING
The capacitors are marked (where possible) with the following information: * Rated capacitance (in F) * Tolerance on rated capacitance, code letter in accordance with IEC 60062 (M for 20 %) * Rated voltage (in V) * Date code, in accordance with IEC 60062 * Code indicating factory of origin * Name of manufacturer * Upper category temperature (105 C) * Negative terminal identification * Series number (046)
UR (V) 35 10 x 16 10 x 20 12.5 x 20 16 x 25 16 x 35 40 10 x 12 10 x 20 12.5 x 20 12.5 x 25 18 x 35 18 x 35 50 10 x 16 12.5 x 20 12.5 x 25 16 x 31 18 x 35 63 10 x 12 10 x 12 10 x 20 12.5 x 25 16 x 25 16 x 25 18 x 35 -
N
D
* Power conversion, EDP, telecommunication, industrial and audio-video
E
046 RSL 105 C
longer life low Z
150RMI
APPLICATIONS
S
* Lead (Pb)-free versions are RoHS compliant
IG
* Very long useful life: 3000 to 4000 hours at 105 C, high reliability.
N
Document Number: 28367 Revision: 19-Jun-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 1
046 RSL
Vishay BCcomponents
Aluminum Capacitors Radial, Standard Long-Life
DIMENSIONS in millimeters, AND AVAILABLE FORMS
OD
OD
L
L
F
4+1 0
Od 5 min
Od
F
D
MASS (g)
E
1.6 1.9 2.2 4.0 5.0 8.0 9.0 11.5 14.5
Fig.2 Form CA: Long leads
Fig.3 Form CB: Cut leads
Table 1
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
PACKAGING QUANTITIES FORM CA 1000 500 500 500 250 250 100 100 300 FORM CB 500 500 500 500 250 250 100 100 1000 FORM TFA 800 800 800 500 500 250 250 CASE CODE Od O Dmax.
N
NOMINAL CASE SIZE ODxL
Lmax.
10 x 12 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25
14 15
0.6
R
10.5
13.5 17.5 22.0 22.0 27.0 27.0 33.5 37.5 37.5
FO
0.6
10.5 10.5 13.0 13.0 16.5 16.5 16.5 18.5
16
0.6
17
0.6
T
18
0.6 0.8 0.8 0.8 0.8
O
19 20 21 22
N
16 x 31
16 x 35 18 x 35
Note 1. Detailed tape dimensions see section `PACKAGING'.
E
W
F
5.0 0.5 5.0 0.5 5.0 0.5 5.0 0.5 5.0 0.5 7.5 0.5 7.5 0.5 7.5 0.5 7.5 0.5
S
Case O D x L 16 x 31 mm
15 min
Fig.4 Form TFA: Taped in box (ammopack)
www.vishay.com 2
For technical questions, contact: aluminumcaps1@vishay.com
IG
Document Number: 28367 Revision: 19-Jun-08
N
S
046 RSL
Aluminum Capacitors Radial, Standard Long-Life
ELECTRICAL DATA
SYMBOL CR IR IRH IL1 IL5 tan ESR Z Note Unless otherwise specified, all electrical values in Table 2 apply at Tamb = 20 C, P = 86 to 106 kPa, RH = 45 to 75 %. Table 2 DESCRIPTION rated capacitance at 100 Hz, tolerance 20 % rated RMS ripple current at 100 Hz, 105 C rated RMS ripple current at 100 kHz, 105 C max. leakage current after 1 minute at UR max. leakage current after 5 minutes at UR max. dissipation factor at 100 Hz equivalent series resistance at 100 Hz (calculated from tan max. and CR) max. impedance at 10 kHz or 100 kHz
Vishay BCcomponents
ORDERING EXAMPLE
Electrolytic capacitor 046 series 2200 F/16 V; 20 % Nominal case size: O 16 x 25 mm; Form TFA
ELECTRICAL DATA AND ORDERING INFORMATION
CR UR 100 Hz (V) (F) 470 1000 2200 3300 4700 6800 10 00 NOMINAL IR IRH IL1 CASE CASE 100 Hz 100 kHz SIZE 1 min CODE 105 C 105 C ODxL (A) (mA) (mA) (mm) 14 16 18 19 20 21 22 14 15 17 21 22 22 14 15 16 18 19 20 22 22 18 20 22 22 15 16 17 19 21 360 600 950 1200 1400 1600 1800 370 460 770 1600 1800 2000 350 430 560 900 1300 1600 1800 2000 900 1600 1900 2000 400 510 650 1200 1800 600 1000 1500 1700 2000 2100 2300 620 800 1100 2300 2500 2600 620 800 920 1500 1800 2200 2500 2600 1500 2100 2500 2600 740 880 1000 1600 2000 33 66 140 210 300 430 630 36 50 100 470 680 1000 38 56 78 160 360 530 760 1100 250 550 830 1200 80 120 170 350 770 IL5 5 min (A) 9 16 31 45 62 89 130 10 12 23 97 140 200 10 14 18 35 73 110 150 220 53 110 170 240 18 26 36 73 160 tan 100 Hz
E
S D
Z Z ESR 100 Hz 10 kHz 100 kHz BULK PACKAGING () () () FORM CA FORM CB 0.64 0.30 0.17 0.12 0.09 0.07 0.06 0.72 0.51 0.24 0.08 0.06 0.06 0.94 0.63 0.44 0.21 0.12 0.09 0.07 0.06 0.18 0.11 0.08 0.06 0.72 0.48 0.34 0.16 0.10 0.32 0.15 0.08 0.06 0.05 0.05 0.04 0.38 0.27 0.13 0.04 0.03 0.03 0.40 0.30 0.21 0.10 0.06 0.04 0.03 0.03 0.09 0.04 0.03 0.03 0.30 0.26 0.14 0.07 0.04 0.28 0.14 0.07 0.06 0.05 0.05 0.04 0.31 0.22 0.12 0.04 0.03 0.03 0.31 0.22 0.18 0.10 0.05 0.04 0.03 0.03 0.08 0.04 0.03 0.03 0.23 0.16 0.11 0.06 0.04 53471E3 53102E3 53222E3 53332E3 53472E3 53682E3 53103E3 54331E3 54471E3 54102E3 54472E3 54682E3 54103E3 55221E3 55331E3 55471E3 55102E3 55222E3 55332E3 55472E3 55682E3 56102E3 56222E3 56332E3 56472E3 50221E3 50331E3 50471E3 50102E3 50222E3 63471E3 63102E3 63222E3 63332E3 63472E3 63682E3 63103E3 64331E3 64471E3 64102E3 64472E3 64682E3 64103E3 65221E3 65331E3 65471E3 65102E3 65222E3 65332E3 65472E3 65682E3 66102E3 66222E3 66332E3 66472E3 60221E3 60331E3 60471E3 60102E3 60222E3 ORDERING NUMBER MAL2046....... TAPED FORM TFA 33471E3 33102E3 33222E3 33332E3 33472E3 34331E3 34471E3 34102E3 35221E3 35331E3 35471E3 35102E3 35222E3 35332E3 36102E3 36222E3 30221E3 30331E3 30471E3 30102E3 0.19 0.19 0.23 0.25 0.27 0.31 0.39 0.15 0.15 0.15 0.23 0.27 0.35 0.13 0.13 0.13 0.13 0.17 0.19 0.21 0.25 0.11 0.15 0.17 0.19 0.10 0.10 0.10 0.10 0.12 www.vishay.com 3
10 x 12 10 x 20 12.5 x 25 16 x 25 6.3 16 x 31 16 x 35 18 x 35 330 10 x 12 470 10 x 16 1000 12.5 x 20 10 4700 16 x 35 6800 18 x 35 10000 18 x 35 220 10 x 12 330 10 x 16 470 10 x 20 1000 12.5 x 20 16 2200 16 x 25 3300 16 x 31 4700 18 x 35 6800 18 x 35 1000 12.5 x 25 16 x 31 2200 25 3300 18 x 35 4700 18 x 35 220 18 x 35 330 18 x 35 35 470 18 x 35 1000 18 x 35 2200 16 x 35
N
Document Number: 28367 Revision: 19-Jun-08
O
T
FO
R
For technical questions, contact: aluminumcaps1@vishay.com
N
E
W
IG
N
S
Ordering code: MAL204635222E3 Former 12NC: 2222 046 35222
046 RSL
Vishay BCcomponents
Aluminum Capacitors Radial, Standard Long-Life
ELECTRICAL DATA AND ORDERING INFORMATION
CR UR 100 Hz (V) (F) 100 220 330 470 2200 3300 100 220 330 1000 2200 22 47 100 220 330 470 1000 NOMINAL IR IRH IL1 CASE CASE 100 Hz 100 kHz SIZE 1 min CODE 105 C 105 C ODxL (A) (mA) (mA) (mm) 10 x 12 10 x 20 12.5 x 20 12.5 x 25 18 x 35 18 x 35 10 x 16 12.5 x 20 12.5 x 25 16 x 31 18 x 35 10 x 12 10 x 12 10 x 20 12.5 x 25 16 x 25 16 x 25 16 x 35 14 16 17 18 22 22 15 17 18 20 22 14 14 16 18 19 19 22 300 450 590 750 1900 2100 310 500 680 1400 2000 170 230 360 610 750 950 1500 560 850 1000 1300 2500 2600 610 980 1200 1800 2600 310 430 710 1100 1300 1600 2100 43 91 140 190 880 1300 53 110 170 500 1100 17 33 66 140 210 300 630 IL5 5 min (A) 11 21 29 41 180 270 13 25 36 100 220 9 9 16 31 45 62 130 tan 100 Hz Z Z ESR 100 Hz 10 kHz 100 kHz BULK PACKAGING () () () FORM CA FORM CB 1.43 0.65 0.43 0.30 0.08 0.06 1.11 0.51 0.34 0.11 0.07 4.3 2.03 0.95 0.43 0.29 0.20 0.10 0.60 0.27 0.18 0.13 0.03 0.03 0.50 0.23 0.15 0.05 0.03 1.6 0.96 0.45 0.20 0.14 0.10 0.04 0.35 0.17 0.13 0.08 0.03 0.03 0.28 0.13 0.09 0.05 0.03 0.7 0.40 0.20 0.11 0.08 0.06 0.04 57101E3 57221E3 57331E3 57471E3 57222E3 57332E3 51101E3 51221E3 51331E3 51102E3 51222E3 58229E3 58479E3 58101E3 58221E3 58331E3 58471E3 58102E3 67101E3 67221E3 67331E3 67471E3 67222E3 67332E3 61101E3 61221E3 61331E3 61102E3 61222E3 68229E3 68479E3 68101E3 68221E3 68331E3 68471E3 68102E3 ORDERING NUMBER MAL2046....... TAPED FORM TFA 37221E3 37331E3 37471E3 31101E3 31221E3 31331E3 31102E3 38229E3 38479E3 38101E3 38221E3 38331E3 38471E3 -
40
50
63
ADDITIONAL ELECTRICAL DATA
PARAMETER Voltage Surge voltage Reverse voltage Current Leakage current Inductance Equivalent series inductance (ESL)
W
0.09 0.09 0.09 0.09 0.11 0.12 0.07 0.07 0.07 0.07 0.09 0.06 0.06 0.06 0.06 0.06 0.06 0.06
E
CONDITIONS Us 1.15 UR Urev 1 V
D
E
10 2
S
N
R
After 1 minute at UR After 5 minutes at UR Case O D = 10 mm Case O D 12.5 mm
CAPACITANCE (C)
1.2 C C0 1.1 1.0 0.9 0.8 0.7
FO
1
T
2
1.2 C C0 1.0 2 0.8 1 0.6 0.4 0.2
N
O
2
1
C0 = capacitance at 20 C, 100 Hz 0.6 - 60 - 40 - 20 0 20 40 60
Curve 1: 6.3 V Curve 2: 63 V 0 80 100 120 Tamb = (C) 10
IG
typ. 16 nH typ. 18 nH
10 3
IL1 0.01 CR x UR + 3 A IL5 0.002 CR x UR + 3 A
N
VALUE
C0 = capacitance at 20 C, 100 Hz
Fig.5 Typical multiplier of capacitance as a function of ambient temperature.
Fig.6 Typical multiplier of capacitance as a function of frequency.
www.vishay.com 4
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28367 Revision: 19-Jun-08
S
10 4
Curve 1: 6.3 V Curve 2: 63 V f (Hz) 10 5 Tamb = (20 C)
046 RSL
Aluminum Capacitors Radial, Standard Long-Life
EQUIVALENT SERIES RESISTANCE (ESR)
10 1, 2 3 ESR ESR0 Curve 1: 6.3 V case O D = 10 and 12.5 mm Curve 2: 6.3 V case O D = 16 and 18 mm Curve 3: 63 V 2.0 ESR ESR 0 1.6 1 2 Curve 1: 6.3 V Curve 2: 63 V
Vishay BCcomponents
1
0.8
N IG S
10 2 10 3 10 4
3 2 1
S
1 2 f (Hz) 10 5 Tamb = (20 C)
1.2
0.4 ESR0 = typical at 20 C, 100 Hz - 40 - 20 0 20 40 60 80 100 120 Tamb = (C)
10-1 - 60
0 10
Fig.8 Typical multiplier of ESR as a function of frequency.
IMPEDANCE (Z)
10 Z Z0 1 3 2 Curve 1: 6.3 V; case O D = 10 and 12.5 mm Curve 2: 6.3 V; case O D = 16 and 18 mm
D
102
E
Fig.7 Typical multiplier of ESR as a function of ambient temperature.
W
Z () 10
1
E
1
Curve 1: 220 F, 50 V; O 12.5 x 20 mm Curve 2: 330 F, 50 V; O 12.5 x 25 mm Curve 3: 470 F, 40 V; O 12.5 x 25 mm Curve 4: 1 000 F, 35 V; O 16 x 25 mm Curve 5: 1 000 F, 50 V; O 16 x 31 mm Curve 6: 1 000 F, 63 V; O 18 x 35 mm Curve 7: 4 700 F, 16 V; O 18 x 35 mm Case O D = 12.5 to 18 mm
N
3 2
1
10-1
10-1 - 60
Z0 = typical impedance at 20 C, 10 kHz - 40 - 20 0 20 40
R
FO
10-2
1 2 3 4 5, 6 7 102 103 104 105 f (Hz) 106
60
80
100
120
Tamb = (C)
Tamb = (20 C)
Fig.9 Typical multiplier of Impedance as a function of ambient temperature.
Fig.10 Typical impedance at as a function of frequency.
T O
102 103 1 2 5 6
102 Z () 10
Curve 1: 47 mF, 63 V; O10 x 12 mm Curve 2: 100 mF, 40 V; O 10 x 12 mm Curve 3: 220 mF, 16 V; O 10 x 12 mm Curve 4: 220 mF, 40 V; O 10 x 20 mm Curve 5: 470 mF, 16 V; O 10 x 20 mm Curve 6: 1 000 mF, 6.3 V; O 10 x 20 mm Case O D = 10 mm
N
1 10-1 10-2
3 4
104
105
f (Hz)
106
Tamb = (20 C)
Fig.9 Typical impedance as a function of frequency. Document Number: 28367 Revision: 19-Jun-08 For technical questions, contact: aluminumcaps1@vishay.com www.vishay.com 5
046 RSL
Vishay BCcomponents
Aluminum Capacitors Radial, Standard Long-Life
RIPPLE CURRENT AND USEFUL LIFE
3.8 IA IR 3.7 3.6 CCC206
3.4 3.3 3.2 3.1 3.0
2.8
S E
1.
2.6 2.4 2.2
D
3.
W
2.0
IA = actual ripple current at 100 Hz or 100 kHz. IR = rated ripple current at 100 Hz or 100 kHz, 105 C (1) Useful life at 105 C and I applied: R case O D = 10 and 12.5 mm; 3000 hours case O D = 16 and 18 mm; 4000 hours
1.8 1.6 1.4 1.2 1.0 0.8 0.5 0.0
E
N
IG
lifetime multiplier
N
0 1. 5 2. 0 0 4. 0 6. 0 0 8. 12 20 30 60
(1)
R
40
50
60
70
80
90
Table 3
TEST PROCEDURES AND REQUIREMENTS
TEST Name of test Endurance
FO
Fig.12 Multiplier of useful life as a function of ambient temperature and ripple current load.
T
Reference
PROCEDURE (quick reference) Tamb = 105 C; UR applied; 2000 hours
REQUIREMENTS UR = 6.3 V; C/C: + 15/- 30 % UR > 6.3 V; C/C: 15 % tan 1.3 x spec. limit Z 2 x spec. limit IL5 spec. limit UR = 6.3 V; C/C: + 45/- 50 % UR > 6.3 V; C/C: 45 % tan 3 x spec. limit Z 3 x spec. limit IL5 spec. limit no short or open circuit total failure percentage: 1 % UR = 6.3 V; C/C: + 15/- 30 % UR > 6.3 V; C/C: 15 % tan 1.3 x spec. limit Z 2 x spec. limit IL5 2 x spec. limit
N
O
IEC 60384-4/ EN130300 subclause 4.13
Useful life
CECC 30301 subclause 1.8.1
Tamb = 105 C; UR and IR applied; 3000 hours, case O D = 10 and 12.5 mm; 4000 hours, case O D = 16 and 18 mm
Shelf life (storage at high temperature)
IEC 60384-4/ EN130300 subclause 4.17
Tamb = 105 C; no voltage applied; 1000 hours after test: UR to be applied for 30 minutes, 24 to 48 hours before measurement
www.vishay.com 6
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28367 Revision: 19-Jun-08
S
10 0 15 0 20 0
100 110 Tamb (C)
3.5
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MAL204637331E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X